PART |
Description |
Maker |
258652 258654 258653 258657 259706 259695 259697 2 |
White LED 1x/1.5x Charge Pump in UCSP and Thin QFN 2x4-Channel, Simultaneous-Sampling, 14-Bit DAS 标志,液 SIGN-DANGER HIGH. FLAMM.GASES SIGN的高度危险FLAMM.GASES High-Speed, 8-Channel, 8-Bit ADC with Simultaneous Track/Holds and Reference SIGN的高度危险FLAMM.GASES Evaluation Kit for the MAX1562, MAX1562H, MAX1563 标志可燃
|
Linear Technology, Corp. TE Connectivity, Ltd.
|
AD7616 AD7616BSTZ-RL EVAL-AD7616SDZ |
16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
|
Analog Devices
|
AD7865YS-1 AD7865YS-2 AD7865BS-1 AD7865BS-2 AD7865 |
Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC 4-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQFP44 Four-Channel/ Simultaneous Sampling/ Fast/ 14-Bit ADC
|
http:// Analog Devices, Inc.
|
S29CD016G0PQAI002 S29CD016G0MFAN001 S29CD016G0MFAN |
16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 2.7V PROM, 54 ns, PBGA80 16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 16兆位12亩32位)的CMOS 2.5伏特,只有突发模式,双启动,同步写闪 16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 2.7V PROM, 67 ns, PBGA80 16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
MAX1320ECM MAX1316ECM MAX1317ECM MAX1324ECM MAX132 |
Dual 8-Bit To 9-Bit Parity Bus Transceivers 56-SSOP -40 to 85 18-Bit Buffers/Drivers With 3-State Outputs 56-SSOP -40 to 85 8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
|
Maxim Integrated Products, Inc. ADC
|
LTC2351IUH-12TRPBF LTC2351-12-15 |
6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 85°C 6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC With Shutdown
|
LINEAR TECHNOLOGY CORP
|
MAX11046ETN MAX11045 |
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
|
Maxim Integrated Products
|
MAX11049ETN MAX11047ETN |
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
|
Maxim Integrated Products
|